Part Number Hot Search : 
SZ526 R5F212C GBU1510 H5020NL LVC74 1N6157US 2S0680 F40J10K
Product Description
Full Text Search
 

To Download RX-2405S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECONOLINE - DC/DC-Converter
RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Single Output) Features

Load Voltage Regulation <1.5% Controllable Output 1kVDC Isolation SIP & DIP Package Styles

UL 94V-0 Package Material No Heatsink Required Toroidal Magnetics Fully Encapsulated
Selection Guide
Part Number DIP14 RX-XX05S RX-XX09S RX-XX12S RX-XX15S RX-XX24S Part Number SIP7 RY-XX05S RY-XX09S RY-XX12S RY-XX15S RY-XX24S Input Voltage (VDC) 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 5, 9, 12, 15, 24 Output Voltage (VDC) 5 9 12 15 24 Output Current (mA) 180 111 84 66 42 Efficiency (%) 58-60 56-62 60-66 60-66 60-68
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage Input Filter Output Voltage Accuracy Line Voltage Regulation Load Voltage Regulation (10% to 100% full load) Ripple and Noise Output Efficiency at Full Load Isolation Voltage Isolation Resistance (Viso = 500VDC) Isolation Capacitance Short Circuit Protection Switching Frequency at Full Load Operating Temperature Storage Temperature Package Weight RX types RY types 5% Capacitor Type 5% 1% 1% 100mVp-p max.
Output Power (Watts) 1.5 1.0 Safe Operating Area 0.5 0 -40 0 50 100 125 150 71 Operating Temperature C 2.0
50% min. 1.000VDC min. 10 G min. 30pF min./150pF max. 1 Second 30kHz min. / 88kHz max. -40C to +71C (see Graph) -55C to +125C 2.9g 2.8g
Typical Applications
Flash PROM Programming Voltage Control Normal Isolated Regulated Output
Vcc
1 2
Vcc
1 2
RY-XX12
CTRL 5 1k
6
Vout = 12V, TTL = 0V Vout = 1.2V, TTL = 1V GND
RY-XX12
CTRL 4
6
Vout
GND 4
5
NC
TTL Input 2N2219, BC107, ZTX451 or Similar Transistors capable of Sinking 50mA Continuous Current
0V
0V
0V
EC 38
August 2002
www.recom-international.com
ECONOLINE - DC/DC-Converter
RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Single Output) Package Style and Pinning (mm)
8 PIN DIP Package 7 PIN SIP Package
3rd angle projection
1 Bottom View
19.65 7.05
14
11 10 9
19.90 10.20
RX-0512S RECOM **** RY-0512S RECOM ****
0.51 typ.
RY-0512S RECOM ****
10.00
7.62 4.10 0.51 typ.
12 456
7.10 1.27 2.0
12 456
0.25
12.70 2.0
3.05
12.70
Recommended Footprint Details
1.00 o+0.15/-0 1.00 o+0.15/-0 2.54 2.54
2.54
2.54
Pin Connections Pin # 1 2 4 5 6 9 10 11 14 RX -Vin No Pin No Pin No Pin No Pin +Vout CTRL -Vout +Vin RY +Vin -Vin -Vout CTRL +Vout No Pin No Pin No Pin No Pin XX.X 0.5 mm XX.XX 0.25 mm
www.recom-international.com
August 2002
EC 39


▲Up To Search▲   

 
Price & Availability of RX-2405S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X